Part Number Hot Search : 
90100 2SC52 NCP4302 N4735 240128 P4840 KS1359N DS024
Product Description
Full Text Search
 

To Download GMR7590C-15S3BM1 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-32 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590c right angle mount micro-d connectors compact flange innovative design for flex circuits C these micro-d connectors answer the need for a compact fex circuit connector. featuring .075 x .075 inch row spacing. glenair's gmr7590c accepts standard jackscrews and jackposts, making it ideal for fex-to-board applications. high performance C approved for british standard bs9000, gmr7590c connectors meet the performance requirements of mil-dtl-83513. gold plated twistpin contacts assure best electrical and mechanical performance. how to order gmr7590 right angle .075" pitch pcb connec tors series number of contacts contact t ype t ail length in. (mm.) shell plating finish hardware gold-plated t erminal mod code gmr7590c micro-d metal shell, right angle mount pcb, compact 9 15 21 25 31 37 51 100 p pin s socket 1 C .109" (2.76) 2 C .150" (3.81) 3 C .190" (4.83) 4 C .250" (6.35) 5 C staggered tail length a C cadmium b C nickel c C allochrome d C black anodize e C gold b p m m1 s s1 l k f r these connectors are solder-dipped in 63/37 tin-lead solder. t o delete the solder dip and change to gold- plated terminals, add code 513 sample part number gmr7590c C 31 s 2 b s1 micro-d mount ing hardware b p m m1 s s1 l k f r t hru-hole order hardware separately jackpost removable includes nut and washer jackscrew hex head removable e-ring jackscrew hex head removable e-ring extended jackscrew slot head removable e-ring jackscrew slot head removable e-ring extended jackscrew hex head non- removable jackscrew slot head non- removable extended float mount for front panel mounting float mount for rear panel mounting
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-33 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590c connec tor dimensions layout a max. b c max. d max. e max. f g max. h in. mm. in . .005 mm. 0.13 in . mm. in . mm. in. mm. in . .003 mm. 0.08 in. mm. in. .010 mm. 0.25 9p .785 19.94 .565 14.35 .335 8.51 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .400 10.16 9s .785 19.94 .565 14.35 .400 10.16 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .400 10.16 15p .935 23.75 .715 18.16 .485 12.32 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .550 13.97 15s .935 23.75 .715 18.16 .550 13.97 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .550 13.97 21p 1.085 27.56 .865 21.97 .635 16.13 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .700 17.78 21s 1.085 27.56 .865 21.97 .700 17.78 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .700 17.78 25p 1.185 30.01 .965 24.51 .735 18.67 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .800 20.32 25s 1.185 30.01 .965 24.51 .800 20.32 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .800 20.32 31p 1.335 33.91 1.115 28.32 .885 22.48 .185 4.70 .310 7.87 .183 4.65 .400 10.16 .950 24.13 31s 1.335 33.91 1.115 28.32 .950 24.13 .251 6.38 .310 7.87 .195 4.95 .400 10.16 .950 24.13 37p 1.485 37.72 1.265 32.13 1.035 26.29 .185 4.70 .310 7.87 .183 4.65 .400 10.16 1.100 27.94 37s 1.485 37.72 1.265 32.13 1.100 27.94 .251 6.38 .310 7.87 .195 4.95 .400 10.16 1.100 27.94 51p 1.435 36.45 1.215 30.86 .985 25.02 .228 5.79 .351 8.92 .183 4.65 .490 12.45 1.050 26.67 51s 1.435 36.45 1.215 30.86 1.050 26.67 .294 7.47 .351 8.92 .195 4.95 .490 12.45 1.050 26.67 100p 2.170 55.12 1.800 45.72 1.384 35.15 .271 6.88 .394 10.00 .183 4.65 .660 16.76 1.500 38.13 100s 2.170 55.12 1.800 45.72 1.508 38.30 .394 10.00 .394 10.00 .195 4.95 .660 16.76 1.500 38.13 staggered leads gmr7590c right angle mount micro-d connectors compact flange a b c d e h j f g .100 (25.4) ? .020 (0.51) .002 (0.05) .150 (3.81) .015 (0.38) .050 (1.27) .050 (1.27) sizes 9 thru 51 thread size is #2-56 unc size 100 thread size is #4-40 sizes 9 thru 51 mounting hole is .088/094 (2.24/2.39) size 100 mounting hole is .145/.150 (3.68/3.81) ma terials and finishes connector shell aluminum alloy 6061 or stainless steel, 300 series, passivated. see ordering info for plating options insulator, tray liquid crystal polymer (lcp) interfacial seal flourosilicone rubber, blue pin contact beryllium copper gold over nickel plating socket contact copper alloy gold over nickel plating pcb terminals gold plated copper alloy, solder dipped hardware 300 series stainless steel encapsulant epoxy resin hysol ee4215 performance specifica tions current rating 3 amp dwv 600 vac sea level insulation resistance 5000 megohms minimum contact resistance 8 milliohms maximum low level contact resist. 32 milliohms maximum magnetic permeability 2 maximum operating temperature -55 c. to +150 c. shock, vibration 50 g., 20g. mating force (10 ounces) x (# of contacts)
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-34 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590c connec tor p cb layouts C pin connec tors 9 pin 15 pin 21 pin 25 pin 31 pin 37 pin 51 pin 100 pin patterns shown are for connector mounting side of pc board. gmr7590c right angle mount micro-d connectors compact flange .075 (1.91) .0375 (0.95) c l .075 (1.91) connector flange .212 (5.40) 1 67 3 89 24 5 .170 (4.32) .075 (1.91) .0375 (0.95) c l . 075 (1.91) connector flange .212 (5.40) 6 31 2 10 11 13 14 15 9 17 8 245 .170 (4.32) .075 (1.91) .0375 (0.95) c l .075 (1.91) connector flange .175 (4.45) 17 8 245 12 13 15 16 14 18 19 20 21 17 6 3 10 11 9 .075 (1.91) .0375 (0.95) c l . 075 (1.91) connector flange .175 (4.45) 15 16 18 19 20 21 14 17 1 6 7 31 2 10 11 13 89 2 4 5 22 24 23 25 .075 (1.91) .0375 (0.95) c l .075 (1.91) connector flange .175 (4.45) 1 6 7 31 2 10 11 13 15 16 18 19 20 21 14 17 89 2 4 5 22 24 23 25 26 27 28 29 30 31 .075 (1.91) .0375 (0.95) c l .075 (1.91) connector flange .175 (4.45) 1 6 7 31 2 10 11 13 15 16 18 19 20 21 14 17 89 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 36 37 .075 (1.91) .0375 (0.95) c l .075 (1.91) connector flange .187 (4.75) 16 7 3 12 10 11 13 15 16 18 19 20 21 14 17 89 245 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 .075 (1.91) .0375 (0.95) c l .075 (1.91) connector flange .212 (5.38) 1 6 7 31 2 10 11 13 15 16 18 19 20 21 14 17 8 9 2452 2 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 97 98 99 100 87 88 89 90 91 92 93 94 95 96
? 2006 glenair, inc. cage code 06324/0ca77 printed in u.s.a. glenair, inc. ? 1211 air way ? glendale, ca 91201-2497 ? 818-247-6000 ? fax 818-500-9912 www.glenair.com c-35 e-mail: sales@glenair.com micro-d pcb a b c d e f g h j k l m n p gmr7590c connec tor p cb layouts C socket connec tors 9 socket 15 socket 21 socket 25 socket 31 socket 37 socket 51 socket 100 socket patterns shown are for connector mounting side of pc board. gmr7590c right angle mount micro-d connectors compact flange .133 (3.38) .075 (1.91) .0375 (0.95) c l .075 (1.91) 1 6 7 3 8 9 2 4 5 connector flange .212 (5.40) .170 (4.32) .075 (1.91) .0375 (0.95) c l . 075 (1.91) 63 12 10 11 13 14 15 9 1 7 82 4 5 .212 (5.40) connector flange .075 (1.91) .0375 (0.95) c l .075 (1.91) 1 7 82 4 5 12 13 15 16 14 18 19 20 21 17 63 10 11 9 .175(4.45) connector flange .075 (1.91) .0375 (0.95) c l . 075 (1.91) 15 16 18 19 20 21 14 17 1 6 7 3 12 10 11 13 8 92 4 5 22 24 23 25 .175(4.45) connector flange .075 (1.91) .0375 (0.95) c l .075 (1.91) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 92 4 5 22 24 23 25 26 27 28 29 30 31 connector flange .175(4.45) .075 (1.91) .0375 (0.95) c l .075 (1.91) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 92 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 36 37 connector flange .175(4.45) .075 (1.91) .0375 (0.95) c l .075 (1.91) 1 6 73 12 10 11 13 15 16 18 19 20 21 14 17 8 92 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 connector flange .187 (4.75) .075 (1.91) .0375 (0.95) c l .075 (1.91) 1 6 7 3 12 10 11 13 15 16 18 19 20 21 14 17 8 9 2 4 5 22 24 23 25 26 27 28 29 30 31 32 33 34 35 38 40 39 41 42 43 44 45 46 47 48 49 50 51 36 37 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 97 98 99 100 87 88 89 90 91 92 93 94 95 96 connector flange .212 (5.38)


▲Up To Search▲   

 
Price & Availability of GMR7590C-15S3BM1

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X